|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Under Development LQ5AW136 Features s 13 cm [5"] display size s Wide temperature range (Topr: -30C to +85C, Tstg: -30C to +85C) s Built-in CCFT B/L Color TFT-LCD Module (Car Navigation) s Wide viewing angle (Horizontal: 130 Vertical: 105) s Compact structure utilizing ACF-COG technology Specifications Parameter Display size No. of pixels Dot format (H x V) Dot pitch (H x V) Active area (H x V) Input signal system Input video signal Viewing direction 13 [5] 74 880 320 x RGB x 234 0.1065 x 0.3195 102.2 x 74.8 NTSC/PAL*1 Analog RGB 6:00 Unit cm [ "] pixel dot mm mm - Parameter Backlight type 1CCFT(E) Brightness 320 Power consumption 5.4 Outline dimensions (W x H x D) 126.8 x 89.6 x 16.5 Weight 185 Operating temperature -30 to +85 Storage temperature -30 to +85 Unit cd/m2 W mm g C C *1...MBK-PAL system is adopted as PAL. LCD panel has 234 scanning lines, and displays a picture of 273 virtual scanning lines. (Video-signals are deleted for certain intervals.) Outline Dimensions unit : mm 13 126.8 107.4 (Bezel open area) 13 Active area center 89.6 42.4 RGBRG 960H x 234V dots 0.2 79.8 (Bezel open area) Active area (102.2 x 74.8) Direction of best viewing angle (6 o'clock) 9.5 5 5 3 datum line 3 datum line 13 16.5 31.2 2.2 89.2 In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. Specifications are subject to change without notice for improvement. 2.2 |
Price & Availability of LQ5AW136 |